Part Number Hot Search : 
2SK2672 MC3346 78L08 R16V2 MSZ52 4004AT 2N5301 321EJ1V
Product Description
Full Text Search
 

To Download RD-0515D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  73 selection guide part input output output efficiency number voltage voltage current sip 7 dip 14 2kv (vdc) (vdc) (ma) (%) rd-xx3.3d rc-xx3.3d (h) 5, 9, 12, 15, 24 3.3 303 75 rd-xx05d rc-xx05d (h) 5, 9, 12, 15, 24 5 200 75-82 rd-xx09d rc-xx09d (h) 5, 9, 12, 15, 24 9 111 80-84 rd-xx12d rc-xx12d (h) 5, 9, 12, 15, 24 12 84 80-84 rd-xx15d rc-xx15d (h) 5, 9, 12, 15, 24 15 66 82-86 rd-xx24d rc-xx24d (h) 5, 9, 12, 15, 24 24 42 82-86 xx = input voltage * add suffix p for continuous short circuit protection, e.g. rd-0505d/p, rd-0505d/hp 
           
 

    

 specifications (core operating area) input voltage range 10% output voltage accuracy 5% line voltage regulation 1.2%/1% of vin typ. load voltage regulation 3.3v output types 20% max. (10% to 100% full load) 5v output type 15% max. 9v, 12v, 15v, 24v output types 10% max. output ripple and noise (20mhz limited) 150mvp-p max. operating frequency 34khz min. / 50khz typ. / 85khz max. efficiency at full load 70% min. / 80% typ. no load power consumption 163mw min. / 223mw typ. / 350mw max. isolation voltage (tested for 1 second) 1000vdc min. rated working voltage (long term isolation) see application notes. isolation voltage h-suffix (tested for 1 second) 2000vdc min. rated working voltage h-suffix (long term isolation) see application notes isolation capacitance 40pf min. / 115pf max. isolation resistance 10 g ? min. short circuit protection 1 second p-suffix continuous operating temperature range (free air convection) -40c to +85c (see graph) storage temperature range -55c to +125c relative humidity 95% rh package weight 2.8g mtbf (+25c) using mil-hdbk 217f 988 x 10 3 hours (+85c) using mil-hdbk 217f 135 x 10 3 hours 2 watt sip7 & dip14 dual output derating-graph (ambient temperature) econoline dc/dc-converter rd & rc series dual output from a single input rail 1kvdc & 2kvdc isolation power sharing on output optional continuous short circuit protected custom solutions available ul94v-0 package material efficiency to 86% features unregulated converters } detailed information see application notes chapter "mtbf"
typical characteristics rd & rc series econoline dc/dc-converter !" "#       !" "#$%&       '"
    !" "#       !" "#$%&       '"
 ( ( ( ) *$%& +    ) *
,'    + '"
  + + + + + +   ) *$%& +    ) *
,'    + '"
 ( + + + + + + ( ( rd&rc-xx05d rd&rc-xx09d !" "#       !" "#$%&       '"
    !" "#       !" "#$%&       '"
    ) *$%& +    ) *
,'    + '"
  + + + + + +   ) *$%& +    ) *
,'    + '"
  + + + + + +   rd&rc-xx12d rd&rc-xx15d july-2006 www.recom-international.com 74
package style and pinning (mm) rd & rc series econoline dc/dc-converter )'      
  -+ +#+ + + (+ +- + .+ +   
+#+ + + / 0+$1 + 2  32  4
&' 
5 " recommended footprint details 7 pin sip package xx.x 0.5 mm xx.xx 0.25 mm 4+ -+ + + 32  -+- +  +#+ 2  )' (   - + + / 0+$1 + (+(    
recommended footprint details 14 pin dip package xx.x 0.5 mm xx.xx 0.25 mm pin connections pin # rd 1 +vin 2 Cvin 4Cvout 5com 6 +vout pin connections pin # rc 1 Cvin 7nc 8com 9+vout 11 Cvout 14 +vin july-2006 75 www.recom-international.com


▲Up To Search▲   

 
Price & Availability of RD-0515D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X